PART |
Description |
Maker |
KA75270 KA75270M KA75270Z KA75330Z KA75290M KA7529 |
Voltage Detector (4.5V) Voltage Detector (2.7V) Voltage Detector (4.2V) Voltage Detector (3.9V) Voltage Detector (2.9V) Voltage Detector (3.1V) Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Voltage Detector 电压检测器 Voltage Detector
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MAX8211IPA MAX8212CTY/HR MAX8211CTY/HR MAX8211MJA/ |
Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, UUC5 Voltage Detector 电压检测器
|
Maxim Integrated Products, Inc.
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
BU4809 BU4809F-TR BU4809FP3-TR BU4809G-TR BU4811 B |
Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
BU4948F-TR BU4948FVE-TR BU4948G-TR BU4809FVE-TR BU |
Low Voltage Standard CMOS Voltage Detector IC Series
|
Rohm
|
MAX16063TG |
1% Accurate, Low-Voltage, Quad Window Voltage Detector
|
Maxim Integrated Products
|
TS834-5I TS834 TS834-51P TS834-51D TS834-51N |
Voltage Detector MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER 微功耗电压监控复位活性低的多功能定时器或
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
XC6408DD03PR-G XC6408DD06ER-G XC6408DD06MR-G XC640 |
28V Operation Voltage Regulator with Voltage Detector
|
Torex Semiconductor
|
AZ70XX07 AZ7029Z-E1 AZ7025ZTR-E1 AZ7029RTR-E1 AZ70 |
VOLTAGE DETECTOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 VOLTAGE DETECTOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
S-8054ALB S-8054ALO S-8054ALR S-8054ALY S-8054HN S |
VOLTAGE DETECTOR
|
ETC[ETC]
|
TC53 |
Voltage Detector
|
Microchip Technology
|